PART |
Description |
Maker |
AD6122 AD6122ACP AD6122ACPRL AD6122ARS AD6122ARSRL |
CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
|
Analog Devices
|
RF2377-410 RF2377-411 RF237706 RF2377 |
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
|
http:// RFMD[RF Micro Devices]
|
TQ5139 |
869-894 MHz Cell CDMA & GPS LNA/Mixer 2.8V SiGe Dual-Mode CDMA Rx Receiver From old datasheet system
|
TRIQUINT[TriQuint Semiconductor]
|
AWT6302 |
The AWT6302 meets the increasing demands for higher efficiency and linearity in AMPS/CDMA 1X handsets, while reducing pcb area by ... PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
CX74061 CX74061-11P |
Receiver for CDMA, AMPS, PCS, and GPS Mobile Handset Applications Rx ASIC for CDMA, AMPS, PCS, and GPS Mobile Handset Applications CX74061 Receiver for CDMA. AMPS. PCS. and GPS|Handset RF ICs:CDMA / CDMA2000
|
SKYWORKS[Skyworks Solutions Inc.]
|
RF2377 RF2377-410PCBA RF2377-411PCBA |
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER DIODE SCHOTTKY DUAL-DUAL COMMON-CATHODE 30V 200mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-363 3K/REEL 个人通讯/蜂窝时分多址/码分多址/的W - CDMA线性可变增益放大器
|
RF MICRO DEVICES INC http:// RFMD[RF Micro Devices] RF Micro Devices, Inc.
|
MC14497P |
Digital Signal Processor,Military Known Good Die 0-XCEPT -55 to 125 INFRARED, TRANSMITTER IC, PDIP18 PCM Remote Control Transmitter
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
PCM-3538T-A10 |
Using Transmitter Device Module THC63LVDM83A Chipset, Transmitter Converts 28-bit of CMOS/TTL Data Into LVDS Data Stream
|
AAEON Technology
|
AWT6113 |
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module The AWT6113 is a high power, high efficiency amplifier module for PCS/CDMA wireless handset applications.
|
ANADIGICS, Inc Anadigics Inc
|